Part Number Hot Search : 
AR709S10 7181CB CM100 048200 T3004 3X8168 6R8M200 SYB80
Product Description
Full Text Search
 

To Download BDW93B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BDW93B npn silicon power transistors features maximum ratings symbol rating rating unit v ceo collecto r - emitter voltage 80 v v cbo collecto r - base voltage 80 v v ebo emitter - base voltage 5.0 v i cp peak collector current 15 a i c collector current 12 a p c collector power dissipation 80 w t j junction temperature - 55 to +150 o c t stg storage temperature - 55 to +150 o c electrical characteristics @ 25 o c unless otherwise specifi ed symbol parameter min max units off characteristics v (br)ceo coll ector - emitter breakdown voltage (i c =100madc, i b =0) 80 --- vdc i cbo collector - base cutoff current (v cb = 8 0vdc,i e =0) --- 0.1 m adc i ebo emitter - base cutoff current (v eb =5.0vdc, i c =0) --- 2.0 m adc on characteristics h fe - 1 forward current transfer ratio (i c = 3 .0adc, v ce = 3 .0vdc) 1000 --- --- h fe - 2 forward current transfer ratio (i c = 5 .0adc, v ce = 3 .0vdc) 750 20000 --- h fe - 3 forward current transfer ratio (i c = 1 0adc, v ce = 3 .0vdc) 100 --- --- v ce(sat) - 1 collector - emitter saturation voltage (i c = 5 .0adc, i b = 20m adc) --- 2.0 vdc v ce(sat) - 2 collector - emitter saturation voltage (i c = 1 0adc, i b = 10 0m adc) --- 3 .0 vdc v be(sat) - 1 base - emitter saturation voltage (i c = 5 .0adc,i b = 20 adc) --- 2.5 vdc v be(sat) - 2 base - emitter saturation voltage (i c = 1 0adc,i b = 100 adc) --- 4.0 vdc to-220 revision: a 2011/01/01  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc tm micro commercial components www. mccsemi .com 1 of 2 intended for use in power linear and switching applications notes: 1. high temperature solder exemption applied, see eu directive annex 7. pin 1. base pin 2. collector pin 3. emitter g r b q h u l d c j k a f s t 1 3 2 n v min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max lead free finish/rohs compliant (note1) ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 2 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of BDW93B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X